PART |
Description |
Maker |
0460.375UR 0460.500ER 0460.750ER 0460.750UR 046000 |
Surface Mount Fuses PICO? SMF Fuse > 460 Series Surface Mount Fuses PICO SMF Fuse > 460 Series 460 Series PICO? Slo-Blo? Surface Mount Fuse The 460 Series Slo-Blo? SMF is based on Littelfuse PICO? fuse through-hole technology, though offered in a surface mount package.
|
Littelfuse
|
PM3604-10-RC PM3602-33-B PM3602-100-RC PM3602-150- |
Power Inductor; Series:PM3600; Inductance:100uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:Parallel 0.58, Series 0.29A; DC Resistance Max, Parallel:0.4ohm; DC Resistance Max, Series:1.6ohm Power Inductor; Series:PM3600; Inductance:150uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:Parallel 111, Series 444A; DC Resistance Max, Parallel:0.6ohm; DC Resistance Max, Series:2.4ohm
|
Bourns Inc.
|
LNV304101A |
Surface Lighting(15.0 mm 12.0 mm Series)
|
Panasonic Corporation
|
V55MLA0402LNR V14MLA0603N V9MLA0805LH V26MLA0603N |
Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series Surface Mount Multilayer Varistors (MLVs) MLA Series Surface Mount Multilayer Varistors (MLVs) > MLA Series
|
Littelfuse
|
MAMX-008786-ES0120 MAMX-008786-ES0120V2 |
E-Series Surface Mount Mixer
|
M/A-COM Technology Solutions, Inc.
|
1812L190SL 1210L175SL 1210L380SL 0603L075SL 1206L1 |
LoRhoTM Surface Mount Series
|
Littelfuse
|
JRC0118 JEGC0118 JOC0118 JRGC0118 JYOC0118 JGC0118 |
J Series Surface Mount LEDs
|
IDEA.lnc.
|
ADT7461AARMZ-REEL ADT7461AARMZ-REEL7 ADT7461A ADT7 |
∑C Temperature Monitor with Series Resistance Cancellation DIGITAL TEMP SENSOR-SERIAL, 8BIT(s), 1Cel, SQUARE, SURFACE MOUNT DIGITAL TEMP SENSOR-SERIAL, 8BIT(s), 1Cel, SQUARE, SURFACE MOUNT LEAD FREE, MO-187-AA, MSOP-8 ±1°C Temperature Monitor with Series Resistance Cancellation 【1∑C Temperature Monitor with Series Resistance Cancellation
|
Analog Devices, Inc. http:// AD[Analog Devices]
|
F0603FF0500V032T F0402FA0750V024T F0402FA1500V024T |
1206 High Current Rating Fast Acting Surface Mount Fuses 0603 Fast Acting Surface Mount Fuses HA Series of Surface Mount Multilayer Varistors 1206 Fast Acting Surface Mount Fuses 0603 Very Fast Acting Surface Mount Fuses 0402 Fast Acting Surface Mount Fuses 1206 High Inrush Current Surface Mount Fuses 1206 Slow Blow Surface Mount Fuses
|
AEM
|
FSMD250-2920 FSMD100-2920 FSMD030-2920 FSMD050-292 |
Surface Mount PPTC FSMD2920 Series
|
RFE international
|
MAMXES0028 |
E-Series Surface Mount Mixer, 1 - 1000MHz
|
MACOM[Tyco Electronics]
|
2SK2177 |
Power MOSFETs / VX-II Series (Surface Mount)
|
Shindengen
|